Part Number Hot Search : 
56F80 EER90 LTM4613 003901 222MR 31006 MAX1535 C3950
Product Description
Full Text Search
 

To Download UZS1V100MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
ZS
4.5mmL Chip Type
series
Chip type with 4.5mm height. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
WX
Smaller
ZT
High Te m p e rature
ZS
Smaller
Bi-polarized
ZP
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
ZR
Performance Characteristics
- 40 ~ + 85C 4 ~ 50V 0.1 ~ 220F + 20% at 120Hz, 20C - After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (A) ,whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.) 4 0.50 6.3 0.30 10 0.24 16 0.19 25 0.16 35 0.14 50 0.14
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
4 7 15
6.3 4 8
10 3 8
16 2 4
25 2 4
35 2 3
50 2 3
Endurance
After 2000 hours' application of rated voltage at 85C,capacitors meet the characteristics requirements listed at right.
Capacitance change tan Leakage current
Within + 20% of initial value - 200% or less of initial specified value Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within + 10% of initial value - for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature,they meet the characteristic requirements Initial specified value or less Leakage current listed at right. Black print on the case top.
Chip Type
Positive 0.5 MAX. Capacitance Lot No. Voltage Plastic platform 0.3 MAX. C + 0.2 -
Type numbering system (Example : 16V 10F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
UZ S 1 C 1 0 0 MC L 1GB
Taping code
A+ 0.2 A + 0.2 - -
D A B C E
4 1.8 4.3 4.3 1.0
5 2.1 5.3 5.3 1.3
(mm) 6.3 2.4 6.6 6.6 2.2
Configuration Capacitance tolerance (+ 20%) - Rated Capacitance (10F) Rated voltage (16V) Series name Type
X2 10 16V
D+ 0.5 -
B+ 0.2 -
4.5
Voltage mark for 6.3V is 6V .
+0.1 -0.2
0.5 ~ 0.8
Dimensions
V Cap. (F) Code
4 0G
6.3 0J
E
Negative
10 1A
16 1C
25 1E
35 1V 4 4 4 4 4 4 4 5 6.3
50 1H 1.0 2.0 2.8 4.0 8.4 13 17 20 33
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221
4 4 5 6.3
28 33 56 96
4 5 5 6.3
28 37 45 70
5 5 6.3
33 41 52
4 5 6.3 6.3
23 37 49 58
4 5 6.3 6.3
16 27 42 52
4 5 6.3
18 29 46
Case size D (mm)
Rated ripple
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please select UR(p.70), UG(p.75) series if high C/V products are reqired. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UZS1V100MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X